Part Number Hot Search : 
167BZXI 3105V 10A00 EPA2127A EC3CB14 Q980000 MX29LV 83251
Product Description
Full Text Search
 

To Download EPC-470-09-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
Preliminary Wavelength range Blue, selective
860
EPC-470-0.9-1
11.04.2007 Type Integrated filter Technology GaP rev. 02/06 Electrodes P (anode) up
typ. dimensions (m) typ. thickness 300 ( 40) m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m
Description Narrow bandwidth and high spectral sensitivity in blue-green range (425..525 nm), low cost chip Applications Fluorescence detection, measurement systems, color sensors
O120
PD-08
Miscellaneous Parameters
Tamb = 25C, unless otherwise specified Parameter Active area Temperature coefficient of I D Temperature coefficient of I PH Operating temperature range Storage temperature range T = -40...120C T = -40...120C Test onditions Symbol A TC(ID) TC(IPH) Tamb Tstg Value 0.72 5.0 0.15 -40 to +125 -40 to +125 Unit mm %/K %/K C C
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions IR = 10 A Reverse voltage3 Dark current (Ee = 0 W/m) Central sensitivy wavelength Responsivity at Responsivity at C1 C2 VR = 5 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V Symbol VR ID C S S 0.5 min, max 0,5 425 380 100 460 Min 5 5 470 0.18 0.30 525 570 30 480 Typ Max Unit V pA nm A/W A/W nm nm nm
Spectral range at 0.5 max. Sensitivity range at 1% Spectral bandwidth at 50%
1
Measured on bare chip on TO-18 header 2 Measured on epoxy covered chip on TO-18 header 3 information only
Labeling
Type EP-470-0.9-1 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 2
Photodiode-Chip
Preliminary 11.04.2007
EPC-470-0.9-1
rev. 02/06
Typical Optical Responsivity (A/W)
0,20
0,15
0,10
0,05
350
400
450 500 Wavelength [nm]
550
600
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 2


▲Up To Search▲   

 
Price & Availability of EPC-470-09-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X